PART |
Description |
Maker |
1N5393GP 1N5399GP 1N5391GP 1N5392GP 1N5394GP 1N539 |
Glass Passivated Junction Rectifier(????荤?缁???存??? Glass Passivated Junction Rectifier(钝化玻璃结型整流 结玻璃钝化整流(钝化玻璃结型整流器) GLASS PASSIVATED JUNCTION RECTIFIER 玻璃钝化整流
|
GE Security, Inc. GE[General Semiconductor]
|
15KPJ45 15KPJ45A 15KPJ45C 15KPJ45CA 15KPJ58 15KPJ5 |
Glass passivated junction transient voltage suppressor. Vrwm = 210 V. Vbr(min/max) = 231/296.1 V @ It = 1.0 mA. Ir = 5 uA. Vc = 376 V @ Ipp = 40 A. Glass passivated junction transient voltage suppressor. Vrwm = 190 V. Vbr(min/max) = 209/243.2 V @ It = 1.0 mA. Ir = 5 uA. Vc = 308 V @ Ipp = 49 A. Glass passivated junction transient voltage suppressor. Vrwm = 220 V. Vbr(min/max) = 242/310.2 V @ It = 1.0 mA. Ir = 5 uA. Vc = 394 V @ Ipp = 38 A. Glass passivated junction transient voltage suppressor. Vrwm = 110 V. Vbr(min/max) = 122/154.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 196 V @ Ipp = 77 A. Glass passivated junction transient voltage suppressor. Vrwm = 160 V. Vbr(min/max) = 178/205.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 259 V @ Ipp = 58 A. Glass passivated junction transient voltage suppressor. Vrwm = 160 V. Vbr(min/max) = 178/226.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 287 V @ Ipp = 52 A. Glass passivated junction transient voltage suppressor. Vrwm = 130 V. Vbr(min/max) = 144/182.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 231 V @ Ipp = 65 A. Glass passivated junction transient voltage suppressor. Vrwm = 120 V. Vbr(min/max) = 133/169.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 214 V @ Ipp = 70 A. GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压20伏特175000脉冲峰值功率) GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压20伏特75000脉冲峰值功率) GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压220伏特75000脉冲峰值功率) Glass passivated junction transient voltage suppressor. Vrwm = 120 V. Vbr(min/max) = 133/153.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 193 V @ Ipp = 78 A. Glass passivated junction transient voltage suppressor. Vrwm = 130 V. Vbr(min/max) = 144/165.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 209 V @ Ipp = 72 A. Glass passivated junction transient voltage suppressor. Vrwm = 170 V. Vbr(min/max) = 189/217.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 275 V @ Ipp = 55 A. Glass passivated junction transient voltage suppressor. Vrwm = 110 V. Vbr(min/max) = 122/140.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 177 V @ Ipp = 85 A. Glass passivated junction transient voltage suppressor. Vrwm = 170 V. Vbr(min/max) = 189/239.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 304 V @ Ipp = 49 A. Glass passivated junction transient voltage suppressor. Vrwm = 190 V. Vbr(min/max) = 209/267.4 V @ It = 1.0 mA. Ir = 5 uA. Vc = 340 V @ Ipp = 44 A. Glass passivated junction transient voltage suppressor. Vrwm = 210 V. Vbr(min/max) = 231/296.1 V @ It = 1.0 mA. Ir = 5 uA. Vc = 340 V @ Ipp = 44 A.
|
Pan Jit International I... PANJIT[Pan Jit International Inc.] PanJit International Inc. PanJit International, Inc.
|
15KW160 15KW160A 15KW260 15KW260A 15KW240 15KW240A |
160.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 260.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 240.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 220.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 110.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 200.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 280.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 170.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 180.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor
|
MDE Semiconductor
|
1N4007G 1N4001G 1N4002G 1N4003G 1N4004G 1N4005G 1N |
(1N4001G - 1N4007G) GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41
|
http:// RECTRON[Rectron Semiconductor]
|
1G1-15 |
Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere Glass Passivated Junction Rectifiers
|
GOOD-ARK Electronics
|
1N4246GP 1N4247GP 1N4248GP 1N4245 1N4245GP |
Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 800V General Purpose Plastic Rectifier, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 200V
|
Vishay
|
1N4001GP 1N4002GP 1N4003GP 1N4004GP |
Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 50V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 100V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 400V
|
Vishay
|
1N3957GP 1N3611GP 1N3612GP 1N3613GP 1N3614GP |
GLASS PASSIVATED JUNCTION RECTIFIER 玻璃钝化整流 Glass Passivated Junction Rectifier(钝化玻璃结型整流
|
GE Security, Inc. GE[General Semiconductor]
|
UGF10D UGF10K UGF10A UGF10B UGF10F UGF10G UGF10J |
SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFACE EFFICIENT RECTIFIER SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
|
ZOWIE[Zowie Technology Corporation]
|
UGP10A-15 |
Glass Passivated Junction
|
Leshan Radio Company
|
GN3A05 GN3J |
GLASS PASSIVATED JUNCTION
|
EIC discrete Semiconductors
|